Part Number Hot Search : 
TMP640 035PT SH270 127141H DFLS140L MPC2104 P6KE2 BT70FE
Product Description
Full Text Search
 

To Download QTE-020-01-FTL-D-EM3-TY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .118 3.00 .0080 ref 0.203 .0400 ref 1.016 .1420 ref 3.607 .1600 ref 4.064 .7450 18.92 ref .168 (see note 10) 4.27 .1275 ref 3.24 2 max sway (typ) "a" "a" t-1g1-01-xxx qte-060-01-xxx-d-em2 shown fig. 1 c4 c6 c2 c5 see table 1 no of positions/20 x .7875 [20.003] ref .7875 ref 20.003 .1550 ref 3.937 .2350 5.97 ref (no of positions/20 x .7875 [20.003]) + .3900 [9.906] ref .645 16.38 ref 19 eq spaces @ .0315 [.800] .0333 ref 0.84 qte-20-01-d-emx-xx 01 02 c3 -020, -040, -060, **-080, **-100 (per row) **see note 14 row specification -d: double (use qte-20-xx-d-emx-xx) edge mount thickness -em2: .064[1.63] +/-.004 pcb (use qte-20-01-d-em2-xx & t-1s42-01-x) plating specification -f: flash selective gold with matte tin tails (use t-1s42-xx-f & t-1g1-01-f) (see note 11) -l: light selective gold with matte tin tails (use t-1s42-xx-l & t-1g1-01-l) -h: heavy gold (use t-1s42-xx-h & t-1g1-01-g) -c: electro-polished selective (use t-1s42-xx-c, t-1g1-01-l) -stl: heavy selective gold with tin lead tails (use t-1s42-xx-stl & t-1g1-01-stl) -ftl: flash selective gold with tin lead tails (use t-1s42-xx-ftl & t-1g1-01-ftl) lead style -01: .1680[4.267] no of banks -gp: guide post (use qte-20-01-d-emx-xx-gp, see fig. 2, sheet 2) option -em3: (use qte-20-01-d-em3-xx & t-1s42-02-x) see note 13 -ty: tray packaging qte-xxx-01-xxx-d-emx-xx no of positions .0150 ref 0.381 "a" ref .2782 7.067 ref "b" .0030 "b" 0.08 (inside to inside of pin) section "a"-"a" t-1s42-xx-x c1 .1200 ref 3.048 .0300 ref 0.762 "c" ref .1750 ref 4.45 c * = see note 13 ab sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0020 [.051] material: .8mm edgemount hs terminal assembly by: qte-xxx-01-xxx-d-emx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 9/2/1999 2 1 sheet scale: 1:0.8 insulator: lcp color: black terminal & ground plane: phos bronze f:\dwg\misc\mktg\qte-xxx-01-x-d-emx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. note deleted. 3. burr allowance: .0015 [.03] max. 4. minimum terminal retention: 6 oz. 5. minimum ground plane retention: 1 lb. 6. parts to be mold-to-position. 7. note deleted. 8. note deleted. 9. note deleted. 10. max variance: .002 [.05]. 11. -l plating can be substituted for -f plating. 12. see http://www.samtec.com/processing/edgemt_tectalk/index.htm for information on processing edge mount parts to boards. 13. -em3 is not a standard offering; available as an asp only. please contact samtec interconnect processing group with order inquiries 14. for new applications requiring these positions, please contact samtec interconnect processing group. 15. parts without -ty option shall be packaged in trays. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision ab
.2346 ref 5.96 .1250 ref 3.18 .3000 ref 7.62 "b" "b" qte-20-01-d-emx-xx-gp r ((no of positions/20) x .7875[20.003]) + .7875[20.003] ref ((no of positions/20) x .7875[20.003]) + .2250[5.715] ref .2070 ref 5.26 .0400 ref 1.02 "c" "c" section "b"-"b" .0700 ref 1.78 .2887 ref 7.33 section "c"-"c" scale 2 : 1 fig. 2 -gp option ( same as fig. 1, unless otherwise stated ) sheet of .8mm edgemount hs terminal assembly by: qte-xxx-01-xxx-d-emx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 9/2/1999 2 2 sheet scale: 1.625:1 revision ab f:\dwg\misc\mktg\qte-xxx-01-x-d-emx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of QTE-020-01-FTL-D-EM3-TY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X